| Moteur de recherche de fiches techniques de composants électroniques |
|
CDCLVC1102 Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCLVC1102 Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) CDCLVC1102PW Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C2 CDCLVC1102PW.B Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C2 CDCLVC1102PWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C2 CDCLVC1102PWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C2 CDCLVC1102PWRG4 Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C2 CDCLVC1102PWRG4.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C2 CDCLVC1103PW Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C3 CDCLVC1103PW.B Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C3 CDCLVC1103PWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C3 CDCLVC1103PWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C3 CDCLVC1103PWRG4 Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C3 CDCLVC1103PWRG4.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C3 CDCLVC1104PW Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C4 CDCLVC1104PW.B Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C4 CDCLVC1104PWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C4 CDCLVC1104PWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C4 CDCLVC1104PWRG4 Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C4 CDCLVC1104PWRG4.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C4 CDCLVC1106PW Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C6 CDCLVC1106PW.B Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C6 CDCLVC1106PWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C6 CDCLVC1106PWR.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C6 CDCLVC1106PWRG4 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C6 CDCLVC1106PWRG4.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C6 CDCLVC1108PW Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C8 CDCLVC1108PW.B Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C8 CDCLVC1108PWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C8 CDCLVC1108PWR.B Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C8 CDCLVC1108PWRG4 Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C9C8 Addendum-Page 1 |