Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WL33C8V6 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STM32WL33C8V6
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8V6 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STM32WL33C8V6 Datasheet HTML 75Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 76Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 77Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 78Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 79Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 80Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 81Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 82Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
Figure 20. VFQFPN48- Footprint example
0.65
0.25
0.40
4.65
4.50
37
12
48
13
24
25
36
PIN 1 ID
1
0.20
STM32WL33xx
Package information
DS14221 - Rev 5
page 79/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91