| Moteur de recherche de fiches techniques de composants électroniques |
|
DPS310 Fiches technique(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
DPS310 Fiches technique(HTML) 9 Page - Infineon Technologies AG |
|
9 / 17 page ![]() SEGGER J-Link In order to use and program the Infineon XMC microcontroller in the Arduino IDE, SEGGER J-Link must be installed on your PC Please follow this link to SEGGER J-Link and install the J- Link Software and Documentation Pack for your operating system The XMC-for-Arduino installs the XMC Flasher tool used to flash the compiled firmware (.hex) into the XMC device, which requires Java(TM) SE Runtime Environment to be installed in the host system. Click here to download. Open the Arduino IDE Navigate to File=>Preferences Paste the following URL into the 'Additional Boards Manager URLs' input field: https://github.com/Infineon/Assets/releases/downloa d/current/package_infineon_index.json 9 11/2/2022 Copyright © Infineon Technologies AG 2022. All rights reserved. |