| Moteur de recherche de fiches techniques de composants électroniques |
|
L6390 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6390 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 25 page ![]() Input logic L6390 14/25 DocID14493 Rev 11 6 Input logic Input logic is provided with an interlocking circuitry which avoids cross-conduction in case of wrong signals on LIN and HIN tries to turn-on both LVG and HVG outputs at the same times. In addition, to prevent cross conduction of the external MOSFETs, after each output is turned off, the other output cannot be turned on before a certain amount of time (DT) (see Figure 5: Dead time and interlocking timing definitions). Table 9. Truth table Input Output SD LIN HIN LVG HVG LX(1) 1. X: don't care. X(1) LL HH L L L HLHL L HL LHL HH H L H |