Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6390 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L6390
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L6390_V01 Datasheet HTML 17Page - STMicroelectronics L6390_V01 Datasheet HTML 18Page - STMicroelectronics L6390_V01 Datasheet HTML 19Page - STMicroelectronics L6390_V01 Datasheet HTML 20Page - STMicroelectronics L6390_V01 Datasheet HTML 21Page - STMicroelectronics L6390_V01 Datasheet HTML 22Page - STMicroelectronics L6390_V01 Datasheet HTML 23Page - STMicroelectronics L6390_V01 Datasheet HTML 24Page - STMicroelectronics L6390_V01 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID14493 Rev 11
21/25
L6390
Package information
25
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
10.1
SO-16 package informatio
n
Figure 12. SO-16 narrow package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25