| Moteur de recherche de fiches techniques de composants électroniques |
|
VNQ830 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNQ830 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 28 page ![]() VNQ830 Package and packing information Doc ID 7390 Rev 5 25/28 5 Package and packing information 5.1 ECOPACK® packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 31. SO-28 package dimensions Table 18. SO-28 mechanical data Symbol Millimeters Min. Typ. Max. A 2.65 a1 0.10 0.30 b0.35 0.49 b1 0.23 0.32 C0.50 c1 45° (typ.) D17.7 18.1 E 10.00 10.65 e1.27 e3 16.51 F7.40 7.60 L0.40 1.27 S8° (max.) Obsolete Product(s) - Obsolete Product(s) |