| Moteur de recherche de fiches techniques de composants électroniques |
|
MB89R119B Fiches technique(PDF) 5 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB89R119B Fiches technique(HTML) 5 Page - RAMXEED LIMITED |
|
5 / 46 page ![]() MB89R119B DS411-00002-4v0-E 5 DATA ELEMENT DEFINITION 1. Unique Identifier (UID) The MB89R119B has a 64-bit unique identifier (UID). The UID is used to distinguish a transponder from another transponder in the anti-collision algorithm. The UID consists of the 3 items shown in the following. The MSB 8-bit data whose value is always “E0H” (bit 57 to bit 64) An 8-bit IC manufacturer code whose value is always “08H” according to ISO/IEC 7816-6/AMI (bit 49 to bit 56) Unique 48-bit serial number assigned by FUJITSU SEMICONDUCTOR MEMORY SOLUTION (bit 1 to bit 48) Among the unique 48-bit serial number assigned by FUJITSU SEMICONDUCTOR MEMORY SOLUTION, the 1 byte from bit 41 to bit 48 defines MB89R119B code whose value is “02H”. And the 5 bytes from bit 1 to bit 40 define Other serial number. UID format MSB LSB 64 57 56 49 48 41 40 1 “E0H” IC manufacturer code “08H” “02H” Other serial number Unique serial number assigned by FUJITSU SEMICONDUCTOR MEMORY SOLUTION |