| Moteur de recherche de fiches techniques de composants électroniques |
|
MB89R118C Fiches technique(PDF) 39 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB89R118C Fiches technique(HTML) 39 Page - RAMXEED LIMITED |
|
39 / 47 page ![]() MB89R118C DS411-00001-6v0-E 39 Response [Response from the transponder to the reader/writer] (1) When Error_flag set (2) When Error_flag not set 4. Command Execution Time 4-1. Write Multiple Blocks Command Execution Time The minimum time (processing in the Addressed mode) required to complete data writing to all user areas (2000 bytes) of the FeRAM and verification with the Write Multiple Blocks command is estimated to be 1.4 seconds. 4-2. Read Multiple Blocks Command Execution Time The minimum time (processing in the Addressed mode) required to complete data reading for all user areas (2000 bytes) of the FeRAM with the Read Multiple Blocks command is estimated to be 1.5 seconds. In addition, with the Fast Read Multiple Blocks command is estimated to be 1.1 seconds, and with the Fast Read Multiple Blocks Unlimited command is estimated to be 0.35 seconds. SOF Flag Error code CRC EOF 8 bits (“01H”) 8 bits 16 bits SOF Flag Block security status (option) Data CRC EOF 8 bits (“00H”) 8 bits 64 bits 16 bits Repeated as required |