| Moteur de recherche de fiches techniques de composants électroniques |
|
CDX4AC00 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDX4AC00 Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 24 page ![]() 4 Specifications 4.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT VCC Supply voltage range –0.5 6 V IIK Input clamp current (VI < 0 or VI > VCC)(2) ±50 mA IOK Output clamp current (VO < 0 or VO > VCC)(2) ±50 mA IO Continuous output current (VO = 0 to VCC) ±50 mA VCC or GND Continuous current ±100 mA Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 4.2 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted)(1) TA = 25 °C -40°C TO 85°C -55°C TO 125°C UNIT MIN MAX MIN MAX MIN MAX VCC Supply voltage 1.5 5.5 1.5 5.5 1.5 5.5 V VIH High-level input voltage VCC = 1.5 V 1.2 1.2 1.2 V VCC = 3 V 2.1 2.1 2.1 VCC = 4.5 V 3.15 3.15 VCC = 5.5 V 3.85 3.85 3.85 VIL Low-level input voltage VCC = 1.5 V 0.3 0.3 0.3 V VCC = 3 V 0.9 0.9 0.9 VCC = 4.5 V 1.35 1.35 VCC = 5.5 V 1.65 1.65 1.65 VI Input voltage 0 VCC 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC 0 VCC V IOH High-level output current VCC = 4.5 V to 5.5 V -24 -24 -24 mA IOL Low-level output current VCC = 4.5 V to 5.5 V 24 24 24 mA Δt/Δv Input transition rise or fall rate VCC = 1.5 V to 3 V 50 50 50 ns/V VCC = 3.6 V to 5.5 V 20 20 20 (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4.3 Thermal Information THERMAL METRIC 1 CD74AC00 UNIT D (SOIC) N (PDIP) 14 PINS 14 PINS RθJA Junction-to-ambient thermal resistance 119.9 80 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application note. CD54AC00, CD74AC00 SCHS303D – JANUARY 2001 – REVISED JULY 2024 www.ti.com 4 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: CD54AC00 CD74AC00 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |