| Moteur de recherche de fiches techniques de composants électroniques |
|
10ETS12STRR Fiches technique(PDF) 6 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
10ETS12STRR Fiches technique(HTML) 6 Page - Interpoint Corporation Company |
|
6 / 7 page ![]() 6 10ETS12SPbF SAFE IR Series Bulletin I2206 03/05 www.irf.com Dimensions in millimeters and inches TRR FEED DIRECTION TRL FEED DIRECTION 10.90 (0.429) 10.70 (0.421) 16.10 (0.634) 15.90 (0.626) 1.75 (0.069) 1.25 (0.049) 1.85 (0.073) 1.65 (0.065) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059) DIA. 1.60 (0.063) 1.50 (0.059) DIA. 11.60 (0.457) 11.40 (0.449) 15.42 (0.609) 15.22 (0.601) 4.72 (0.186) 4.52 (0.178) 24.30 (0.957) 23.90 (0.941) 0.368 (0.0145) 0.342 (0.0135) 360 (14.173) DIA. MAX. 26.40 (1.039) 24.40 (0.961) 13.50 (0.532) 12.80 (0.504)DIA. 60 (2.362) DIA . MIN. SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and TRR. Tape & Reel Information |