Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB85RS4MT Fiches technique(PDF) 4 Page - RAMXEED LIMITED

No de pièce MB85RS4MT
Description  4 M (512 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMXEED [RAMXEED LIMITED]
Site Internet  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MT Fiches technique(HTML) 4 Page - RAMXEED LIMITED

  MB85RS4MT Datasheet HTML 1Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 2Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 3Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 4Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 5Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 6Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 7Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 8Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
MB85RS4MT
4
DS501-00053-3v1-E
SERIAL PERIPHERAL INTERFACE (SPI)
MB85RS4MT works as a slave of SPI. More than 2 devices can be connected by using microcontroller
equipped with SPI port. By using a microcontroller not equipped with SPI port, SI and SO can be bus
connected to use.
SCK
SS1
HOLD1
MOSI
MISO
SS2
HOLD2
SCK
CS
HOLD
SI
SO
SCK
CS
HOLD
SI
SO
MB85RS4MT
MB85RS4MT
SCK
CS
HOLD
SI
SO
MB85RS4MT
SPI
Microcontroller
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS
: Slave Select
System Configuration with SPI Port
System Configuration without SPI Port
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31