| Moteur de recherche de fiches techniques de composants électroniques |
|
MB85RS4MLY Fiches technique(PDF) 4 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB85RS4MLY Fiches technique(HTML) 4 Page - RAMXEED LIMITED |
|
4 / 30 page ![]() MB85RS4MLY(AEC-Q100 Compliant) 4 DS501-00068-3v0-E SERIAL PERIPHERAL INTERFACE (SPI) MB85RS4MLY works as a slave of SPI. More than 2 devices can be connected by using microcontroller equipped with SPI port. By using a microcontroller not equipped with SPI port, SI and SO can be bus connected to use. SCK SS1 MOSI MISO SS2 SCK CS SI SO SCK CS SI SO MB85RS4MLY MB85RS4MLY SCK CS SI SO MB85RS4MLY SPI Microcontroller MOSI : Master Out Slave In MISO : Master In Slave Out SS : Slave Select System Configuration with SPI Port System Configuration without SPI Port Microcontroller |