| Moteur de recherche de fiches techniques de composants électroniques |
|
SCL-RHYTHM Fiches technique(PDF) 11 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SCL-RHYTHM Fiches technique(HTML) 11 Page - Elma Electronic Ltd |
|
11 / 18 page ![]() Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet M12 X-Coded Front Panel Receptacles M12 X-Coded Front Panel I/O Receptacles 1 - 4 Gigabit Ethernet • 271.12.008.20 • M12-X Flush-type socket 1+10 Gigabit Ethernet F/P LEDs yellow=1Gbit/s green=100Mbit/s off=10Mbit/s on=link established blinking=activity (data) Ports 1-4 1MDX0+ 2MDX0- 3MDX1+ 4MDX1- 5MDX3+ 6MDX3- 7MDX2- 8MDX2+ The pin numbers of an M12 X-coded connector do not reflect the RJ45 Gigabit Ethernet signal assignment. For cross-over patch cables M12 to RJ45 please refer to the table below. M12 X Signal Colors T568B RJ45 1 MDX0+ white/orange 1 2 MDX0- orange 2 3 MDX1+ white/green 3 4 MDX1- green 6 5 MDX3+ white/brown 7 6 MDX3- brown 8 7 MDX2- white/blue 5 8 MDX2+ blue 4 Suitable industrial Gigabit Ethernet M12 cable assemblies can be ordered from EKF, or directly from well-known cable and connector manufacturers e.g. Metz, Phoenix, Escha and many others. 18 © EKF -11- ekf.com |