| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7449 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7449 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 21 page ![]() DocID006317 Rev 5 13/21 TDA7449 Data bytes 21 7 Data bytes Address = 88 hex (Addr: OPEN) B = 1: incremental bus active B = 0: no incremental bus X = don’t care Table 7. Function selection: first byte (subaddress) MSB LSB Subaddress D7 D6 D5 D4 D3 D2 D1 D0 X X X B 0 0 0 0 Input select X X X B 0 0 0 1 Input gain X X X B 0 0 1 0 Volume X X X B 0 0 1 1 Not allowed X X X B 0 1 0 0 Bass X X X B 0 1 0 1 Treble X X X B 0 1 1 0 Speaker attenuate "R" X X X B 0 1 1 1 Speaker attenuate "L" Table 8. Input selection MSB LSB Input multiplexer D7 D6 D5 D4 D3 D2 D1 D0 X X X X X X 0 0 Not allowed X X X X X X 0 1 Not allowed XXXXXX 1 0 IN2 XXXXXX 1 1 IN1 Obsolete Product(s) - Obsolete Product(s) |