Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7449 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TDA7449
Description  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TDA7449_V01 Datasheet HTML 9Page - STMicroelectronics TDA7449_V01 Datasheet HTML 10Page - STMicroelectronics TDA7449_V01 Datasheet HTML 11Page - STMicroelectronics TDA7449_V01 Datasheet HTML 12Page - STMicroelectronics TDA7449_V01 Datasheet HTML 13Page - STMicroelectronics TDA7449_V01 Datasheet HTML 14Page - STMicroelectronics TDA7449_V01 Datasheet HTML 15Page - STMicroelectronics TDA7449_V01 Datasheet HTML 16Page - STMicroelectronics TDA7449_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID006317 Rev 5
13/21
TDA7449
Data bytes
21
7
Data bytes
Address = 88 hex (Addr: OPEN)
B = 1: incremental bus active
B = 0: no incremental bus
X = don’t care
Table 7. Function selection: first byte (subaddress)
MSB
LSB
Subaddress
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
B
0
0
0
0
Input select
X
X
X
B
0
0
0
1
Input gain
X
X
X
B
0
0
1
0
Volume
X
X
X
B
0
0
1
1
Not allowed
X
X
X
B
0
1
0
0
Bass
X
X
X
B
0
1
0
1
Treble
X
X
X
B
0
1
1
0
Speaker attenuate "R"
X
X
X
B
0
1
1
1
Speaker attenuate "L"
Table 8. Input selection
MSB
LSB
Input multiplexer
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
0
0
Not allowed
X
X
X
X
X
X
0
1
Not allowed
XXXXXX
1
0
IN2
XXXXXX
1
1
IN1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21