Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAMP0TR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 5Page - STMicroelectronics STAMP0TR Datasheet HTML 6Page - STMicroelectronics STAMP0TR Datasheet HTML 7Page - STMicroelectronics STAMP0TR Datasheet HTML 8Page - STMicroelectronics STAMP0TR Datasheet HTML 9Page - STMicroelectronics STAMP0TR Datasheet HTML 10Page - STMicroelectronics STAMP0TR Datasheet HTML 11Page - STMicroelectronics STAMP0TR Datasheet HTML 12Page - STMicroelectronics STAMP0TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
STAMP0
Pin description
DocID028639 Rev 1
9/62
Pin #
Type
Pin name
Description
23
Ground
GND_PLL
PLL_GND
24
Digital input
TM
Test mode
25
Digital I/O
SCL
I²C serial clock
26
Digital I/O
SDA
I²C serial data
27
Digital I/O
LR
Left / Right mic control
13,14,17,28
N.C.
Not Connected
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62