Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA382BWS Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STA382BWS
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWS Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STA382BWS Datasheet HTML 33Page - STMicroelectronics STA382BWS Datasheet HTML 34Page - STMicroelectronics STA382BWS Datasheet HTML 35Page - STMicroelectronics STA382BWS Datasheet HTML 36Page - STMicroelectronics STA382BWS Datasheet HTML 37Page - STMicroelectronics STA382BWS Datasheet HTML 38Page - STMicroelectronics STA382BWS Datasheet HTML 39Page - STMicroelectronics STA382BWS Datasheet HTML 40Page - STMicroelectronics STA382BWS Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 172 page
background image
STA382BWS
Device overview
Doc ID 022784 Rev 1
37/172
Table 11.
Conversion example
Original value (dec)
I2C value (hex)
+48.00
0x600000
+24.00
0x300000
+16.00
0x200000
+12.00
0x180000
+06.00
0x0C0000
+02.00
0x040000
+01.00
0x020000
-01.00
0xFE0000
-02.00
0xFC0000
-06.00
0xF40000
-12.00
0xE80000
-24.00
0xD00000
-48.00
0xA00000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More