Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA381BW Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STA381BW
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 43Page - STMicroelectronics STA381BW Datasheet HTML 44Page - STMicroelectronics STA381BW Datasheet HTML 45Page - STMicroelectronics STA381BW Datasheet HTML 46Page - STMicroelectronics STA381BW Datasheet HTML 47Page - STMicroelectronics STA381BW Datasheet HTML 48Page - STMicroelectronics STA381BW Datasheet HTML 49Page - STMicroelectronics STA381BW Datasheet HTML 50Page - STMicroelectronics STA381BW Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 174 page
background image
DocID018835 Rev 8
47/174
STA381BW
Register description: New Map
0x5B
CXT75
CEXT_B7[1:0]
CEXT_B6[1:0]
CEXT_B5[1:0]
0x5C
MISC1
RPDNEN
BRIDGOFF
CPWMEN
0x5D
MISC2
LPDP
LPD
LPDE
PNDLSL[2:0]
SHEN
0x5E
BPTH
BPTH[5:0]
0x60
BPTIM
BPTIM[7:0]
0x61
ZCCFG0
WTHH
WTHL
FINETH
HSEL[1:0]
ZMTH[2:0]
0x62
ZCCFG1
RMS_CH0[7:0]
0x63
ZCCFG2
RMS_CH0[15:8]
0x64
ZCCFG3
RMS_CH1[7:0]
0x65
ZCCFG4
RMS_CH1[15:8]
0x66
HPCFG
HPLN
CPFEN
CPOK
ABFAULT
DCROK
0x69
F3XCFG1
F3XLNK
0x6A
F3XCFG2 F3X_FAULT
F3X_SM_SLOPE[2:0]
F3X_MUTE
F3X_ENA
0x6B
STCCFG0
NP_
CRCRES
0x6C
STCCFG1
STC_LNK
0x6F
MTH0
MTH[7:0]
0x70
CHPSINC
CHPI
INITCNT[3:0]
CHPRD
0x71
BQCHKE0
BQ_CKE[7:0]
0x72
BQCHKE1
BQ_CKE[15:8]
0x73
BQCHKE2
BQ_CKE[23:16]
0x74
XCCHKE0
XC_CKE[7:0]
0x75
XCCHKE1
XC_CKE[15:8]
0x76
XCCHKE2
XC_CKE[23:16]
0x77
BQCHKR0
BQ_CKR[7:0]
0x78
BQCHKR1
BQ_CKR[15:8]
0x79
BQCHKR2
BQ_CKR[23:16]
0x7A
XCCHKR0
XC_CKR[7:0]
0x7B
XCCHKR1
XC_CKR[15:8]
0x7C
XCCHKR2
XC_CKR[23:16]
0x7D
CHKCTRL XCAUTO
BCAUTO
0x7E
MISC4
SMAP
WRA
CH12
Table 14. Default register map table: NEW MAP (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More