Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA381BWS Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce STA381BWS
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button STA381BWS_V01 Datasheet HTML 52Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 53Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 54Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 55Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 56Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 57Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 58Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 59Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 174 page
background image
Register description: New Map
STA381BWS
56/174
DocID018937 Rev 7
2.1 channels, two half-bridges + one full-bridge (OPER = 11)
FFX1A -> OUT1A
FFX2A -> OUT1B
FFX3A -> OUT2A
FFX3B -> OUT2B
FFX1A -> OUT3A
FFX1B -> OUT3B
FFX2A -> OUT4A
FFX2B -> OUT4B
FFX1A/1B configured as binary
FFX2A/2B configured as binary
FFX3A/3B configured as binary
FFX4A/4B is not used
In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4
channels, channel 1 and channel 2 PWM are replicated.
In this configuration the PWM slot phase is the following as shown in Figure 24.
Figure 24. 2.1 channels (OPER = 11) PWM slots
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More