| Moteur de recherche de fiches techniques de composants électroniques |
|
M28840/20MD1DAS2 Fiches technique(PDF) 13 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20MD1DAS2 Fiches technique(HTML) 13 Page - Amphenol PCD, Inc |
|
13 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 24 25 M28840/16 PLUG CONNECTOR M28840/16 A G 1 P 1 DESIGNATION MATERIAL & FINISH SHELL SIZE INSERT CONTACT KEY POSITION QPL: M28840/16 Commercial: IN28840/16 A: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum-Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 1 F: Pin, Size 20 G: Socket, Size 20 P: Pin, Size, 22 S: Socket, Size, 22 D: Pin, Size, 28 E: Socket, Size, 28 1 2 3 4 5 6 TABLE A Military Shell Size Shell Size A Thread Class 2A V Thread Class 2A Q Ø Max. A 11 .750-1P-.2L-DS 3/4-20 UNEF (1.028) 26.11 B 13 .875-1P-.2L-DS 7/8-20 UNEF (1.141) 28.98 C 15 1.062-1P-.2L-DS 1-20 UNEF (1.263) 32.08 D 17 1.125-1P-.2L-DS 1 1/8-18 UNEF (1.387) 35.23 E 19 1.312-1P-.2L-DS 1 1/4-18 UNEF (1.513) 38.43 F 23 1.500-1P-.2L-DS 1 7/16-18 UNEF (1.703) 43.26 G 25 1.625-1P-.2L-DS 1 9/16-18 UNEF (1.825) 46.36 H 29 1.812-1P-.2L-DS 1 7/8-16 UN (2.143) 54.43 J 33 2.000-1P-.2L-DS 2 1/16-16 UNS (2.329) 59.16 +- M28840/15 PROTECTIVE PLUG COVER M28840/15 G A W DESIGNATION SHELL SIZE CHAIN ATTACHMENT STYLE MATERIAL & FINISH QPL: M28840/15 Commercial: IN28840/15 A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 A: Link Chain WITH Fastener B: Link Chain WITH Ring for Jam-Nut Mounting Receptacle W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum -Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) TABLE A Military Shell Size Shell Size E Thread Class 2B F Ø Max. A 11 .750-1P-.2L-DS (1.028) 26.21 B 13 .875-1P-.2L-DS (1.141) 28.98 C 15 1.062-1P-.2L-DS (1.263) 32.08 D 17 1.125-1P-.2L-DS (1.387) 35.23 E 19 1.312-1P-.2L-DS (1.108) 28.14 F 23 1.500-1P-.2L-DS (1.293) 32.84 G 25 1.625-1P-.2L-DS (1.454) 36.93 H 29 1.812-1P-.2L-DS (1.620) 41.15 J 33 2.000-1P-.2L-DS (1.812) 46.02 |