| Moteur de recherche de fiches techniques de composants électroniques |
|
AMC1200/B Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AMC1200/B Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Jul-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) AMC1200BDUB Active Production SOP (DUB) | 8 50 | TUBE Yes NIPDAU Level-4-260C-72 HR -40 to 105 1200B AMC1200BDUB.A Active Production SOP (DUB) | 8 50 | TUBE Yes NIPDAU Level-4-260C-72 HR -40 to 105 1200B AMC1200BDUB.B Active Production SOP (DUB) | 8 50 | TUBE - Call TI Call TI -40 to 105 AMC1200BDUBR Active Production SOP (DUB) | 8 350 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 1200B AMC1200BDUBR.A Active Production SOP (DUB) | 8 350 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 1200B AMC1200BDUBR.B Active Production SOP (DUB) | 8 350 | LARGE T&R - Call TI Call TI -40 to 105 AMC1200BDUBRG4 Active Production SOP (DUB) | 8 350 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 1200B AMC1200BDUBRG4.A Active Production SOP (DUB) | 8 350 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 1200B AMC1200BDUBRG4.B Active Production SOP (DUB) | 8 350 | LARGE T&R - Call TI Call TI -40 to 105 AMC1200BDWV Active Production SOIC (DWV) | 8 64 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 AMC1200B AMC1200BDWV.A Active Production SOIC (DWV) | 8 64 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 AMC1200B AMC1200BDWV.B Active Production SOIC (DWV) | 8 64 | TUBE - Call TI Call TI -40 to 105 AMC1200BDWVR Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 AMC1200B AMC1200BDWVR.A Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 AMC1200B AMC1200BDWVR.B Active Production SOIC (DWV) | 8 1000 | LARGE T&R - Call TI Call TI -40 to 105 AMC1200BDWVRG4 Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 AMC1200B AMC1200BDWVRG4.A Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 AMC1200B AMC1200BDWVRG4.B Active Production SOIC (DWV) | 8 1000 | LARGE T&R - Call TI Call TI -40 to 105 AMC1200SDUB Active Production SOP (DUB) | 8 50 | TUBE Yes NIPDAU Level-4-260C-72 HR -40 to 105 AMC1200 AMC1200SDUB.A Active Production SOP (DUB) | 8 50 | TUBE Yes NIPDAU Level-4-260C-72 HR -40 to 105 AMC1200 AMC1200SDUB.B Active Production SOP (DUB) | 8 50 | TUBE - Call TI Call TI -40 to 105 AMC1200SDUBR Active Production SOP (DUB) | 8 350 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 AMC1200 AMC1200SDUBR.A Active Production SOP (DUB) | 8 350 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 AMC1200 AMC1200SDUBR.B Active Production SOP (DUB) | 8 350 | LARGE T&R - Call TI Call TI -40 to 105 AMC1200SDUBRG4 Active Production SOP (DUB) | 8 350 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 AMC1200 AMC1200SDUBRG4.A Active Production SOP (DUB) | 8 350 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 AMC1200 AMC1200SDUBRG4.B Active Production SOP (DUB) | 8 350 | LARGE T&R - Call TI Call TI -40 to 105 (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |