| Moteur de recherche de fiches techniques de composants électroniques |
|
M28840/20CC1AAS2 Fiches technique(PDF) 14 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20CC1AAS2 Fiches technique(HTML) 14 Page - Amphenol PCD, Inc |
|
14 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 26 27 TABLE A Military Shell Size Shell Size B Thread Class 2B F Cable Enrty L Max. Q Max. Z Max. Max O.D. Over Rear Clamps Max. Min. A 11 .750-1P-.2L-DS (.286) 7.26 (.177) 4.49 (2.562) 65.07 (1.028) 26.11 (.929) 23.60 (.832) 21.11 B 13 .875-1P-.2L-DS (.286) 7.26 (2.562) 65.07 (1.141) 28.98 (.929) 23.60 C 15 1.062-1P-.2L-DS (.416) 10.56 (.250) 6.35 (2.750) 69.85 (1.263) 32.08 (1.056) 26.32 (.989) 25.12 D 17 1.125-1P-.2L-DS (.476) 12.09 (.291) 7.39 (2.875) 73.02 (1.387) 35.23 (1.233) 37.32 (1.094) 27.79 E 19 1.312-1P-.2L-DS (.626) 15.90 (.348) 8.83 (3.000) 76.2 (1.513) 38.43 (1.296) 32.92 (1.319) 33.50 F 23 1.500-1P-.2L-DS (.831) 21.10 (.429) 10.89 (3.125) 79.37 (1.703) 43.25 (1.358) 34.49 (1.557) 39.55 G 25 1.625-1P-.2L-DS (.956) 24.28 (.523) 13.28 (3.250) 82.55 (1.825) 46.25 (1.420) 36.07 (1.653) 41.99 H 29 1.812-1P-.2L-DS (1.081) 27.45 (.643) 16.33 (3.375) 85.72 (2.143) 54.43 (1.634) 41.50 (1.819) 46.20 J 33 2.000-1P-.2L-DS (1.187) 30.14 (.704) 17.88 (3.438) 87.32 (2.329) 59.15 (1.859) 47.22 (2.020) 51.31 M28840/18 PLUG CONNECTOR WITH 90o STRAIN RELIEF BACKSHELL M28840/18 C G 1 P 1 DESIGNATION MATERIAL & FINISH SHELL SIZE INSERT CONTACT KEY POSITION QPL: M28840/18 Commercial: IN28840/18 C: Class DJ: Aluminum Cadmium Plate U: Class ZJ Aluminum -Zinc Nickel, Non-Reflective M: Class TJ; Aluminum Tin Zinc, Non- Reflective (Commercial only) A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 1 F: Pin, Size 20 G: Socket, Size 20 P: Pin, Size, 22 S: Socket, Size, 22 D: Pin, Size, 28 E: Socket, Size, 28 1 2 3 4 5 6 TABLE A Military Shell Size Shell Size B Thread Class 2B F Cable Enrty L Max. Q Max. Max O.D. Over Rear Clamps Max. Min. A 11 .750-1P-.2L-DS 7.26 (0.286) 4.50 (.177) 61.92 (2.438) 26.11 (1.028) 21.13 (.832) B 13 .875-1P-.2L-DS 7.26 (0.286) 28.98 (1.141) C 15 1.062-1P-.2L-DS 10.57 (.416) 6.35 (.250) 32.10 (1.263) 25.12 (.989) D 17 1.125-1P-.2L-DS 12.10 (0.476) 7.39 (.291) 68.27 (2.688) 32.23 (1.387) 27.78 (1.094) E 19 1.312-1P-.2L-DS 15.900 (.626) 8.84(.348) 71.42 (2.812) 38.43 (1.513) 33.50 (1.319) F 23 1.500-1P-.2L-DS 21.10 (.831) 10.90 (.429) 74.63 (2.938) 43.25 (1.703) 39.55 (1.557) G 25 1.625-1P-.2L-DS 24.28 (.956) 13.28 (.523) 77.78 (3.062) 46.36 (1.825) 41.99 (1.653) H 29 1.812-1P-.2L-DS 27.45 (1.081) 16.33 (.643) 80.98 (3.188) 54.43 (2.143) 46.20 (1.819) J 33 2.000-1P-.2L-DS 30.15 (1.187) 17.88 (.704) 85.73 (3.375) 59.16 (2.329) 51.31(2.020) M28840/17 PLUG CONNECTOR WITH STRAIGHT STRAIN RELIEF BACKSHELL M28840/17 C G 1 P 1 DESIGNATION MATERIAL & FINISH SHELL SIZE INSERT CONTACT KEY POSITION QPL: M28840/17 Commercial: IN28840/17 C: Class DJ: Aluminum Cadmium Plate U: Class ZJ Aluminum -Zinc Nickel, Non-Reflective M: Class TJ; Aluminum Tin Zinc, Non- Reflective (Commercial only) A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 1 F: Pin, Size 20 G: Socket, Size 20 P: Pin, Size, 22 S: Socket, Size, 22 D: Pin, Size, 28 E: Socket, Size, 28 1 2 3 4 5 6 |