| Moteur de recherche de fiches techniques de composants électroniques |
|
M28840/20CB1AAS2 Fiches technique(PDF) 15 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20CB1AAS2 Fiches technique(HTML) 15 Page - Amphenol PCD, Inc |
|
15 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 28 29 TABLE A Military Shell Size Shell Size Backshell Shell Size A Cable Enrty B Thread Class 2B E Max. L Max. Max. Min. A 11 A (.312) 7.92 (.188) 4.77 .750-1P-.2L-DS (.938) 23.82 (6.625) 168.27 A 11 B (.438) 11.12 (.281) 7.13 (1.125) 31.75 (6.625) 168.27 A 11 C (.562) 14.27 (.344) 8.73 (1.312) 33.32 (6.625) 168.27 B 13 A (.312) 7.92 (.188) 4.77 .875-1P-.2L-DS (.938) 23.82 (6.625) 168.27 B 13 B (.438) 11.12 (.281) 7.13 (1.125) 31.75 (6.625) 168.27 B 13 C (.562) 14.27 (.344) 8.79 (1.312) 33.32 (6.625) 168.27 B 13 D (.652) 16.546 (.375) 9.52 (1.312) 33.32 (7.125) 184.15 C 15 A (.438) 11.12 (.281) 7.13 1.062-1P-.2L-DS (1.125) 31.75 (6.625) 168.27 C 15 B (.562) 14.27 (.344) 8.73 (1.312) 33.32 (6.625) 168.27 C 15 C (.625) 15.87 (.375) 9.52 (1.312) 33.32 (7.125) 180.97 C 15 D (.750) 19.05 (.438) 11.12 (1.593) 40.46 (7.188) 182.57 C 15 E (.312) 7.92 (.188) 4.77 (.938) 23.82 (6.625) 168.27 D 17 A (.625) 16.56 (.375) 9.52 1.125-1P-.2L-DS (1.312) 33.32 (7.125) 180.97 D 17 B (.750) 19.05 (.438) 11.12 (1.593) 40.46 (7.188) 182.57 D 17 C (.938) 23.82 (.625) 15.87 (1.750) 44.45 (7.188) 182.57 E 19 A (.625) 15.82 (.375) 9.52 1.312-1P-.2L-DS (1.312) 33.32 (7.125) 180.97 E 19 B (.938) 23.82 (.625) 15.87 (1.750) 44.45 (7.250) 184.15 F 23 A (.750) 19.05 (.438) 11.12 1.500-1P-.2L-DS (1.593) 40.46 (7.688) 195.27 F 23 B (.938) 23.82 (.625) 15.87 (1.750) 44.45 (7.812) 198.42 F 23 C (1.188) 30.17 (.812) 20.62 (2.093) 53.28 (7.938) 201.62 G 25 A (.938) 23.82 (.625) 15.87 1.625-1P-.2L-DS (1.750) 44.45 (7.750) 196.85 G 25 B (1.188) 30.17 (.812) 20.62 (2.093) 53.28 (8.438) 214.32 G 25 C (1.250) 31.75 (.875) 22.22 (2.093) 53.28 (8.438) 214.32 G 25 D (1.380) 95.05 (1.000) 25.4 (2.343) 59.51 (8.500) 215.9 H 29 A (1.188) 30.17 (.812) 20.62 1.812-1P-.2L-DS (2.093) 53.28 (8.438) 214.32 H 29 B (1.380) 35.05 (1.000) 25.4 (2.343) 59.51 (8.500) 215.9 J 33 A (1.380) 35.05 (1.000) 25.4 2.000-1P-.2L-DS (2.343) 59.51 (8.500) 215.9 J 33 B (1.625) 41.27 (1.250) 31.75 (2.750) 69.85 (8.750) 222.25 M28840/20 RECEPTACLE CONNECTOR WITH STRAIGHT EMI/RFI BACKSHELL M28840/20 C G 1 A A P 1 DESIGNATION MATERIAL & FINISH SHELL SIZE INSERT BACKSHELL SIZE BACKSHELL STYLE CONTACT KEY POSITION QPL: M28840/20 Commercial: IN28840/20 C: Class DJ: Aluminum Cadmium Plate U: Class ZJ Aluminum -Zinc Nickel, Non-Reflective M: Class TJ; Aluminum Tin Zinc, Non- Reflective (Commercial only) A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 1 A B C D A: EMI Environmental B: Environmental F: Pin, Size 20 G: Socket, Size 20 P: Pin, Size, 22 S: Socket, Size, 22 D: Pin, Size, 28 E: Socket, Size, 28 1 2 3 4 5 6 TABLE A Military Shell Size Shell Size B Thread Class 2B F Cable Enrty L Max. Q Max. Z Max. Max O.D. Over Rear Clamps Max. Min. A 11 .750-1P-.2L-DS (.286) 7.26 (.177) 4.49 (3.125) 79.73 (1.028) 26.11 (.928) 23.57 (.832) 21.13 B 13 .875-1P-.2L-DS (.286) 7.26 (3.125) 75.37 (1.141) 28.98 (.928) 23.57 C 15 1.062-1P-.2L-DS (.416) 10.56 (.250) 6.35 (3.250) 82.55 (1.263) 32.08 (.991) 25.17 (.989) 25.12 D 17 1.125-1P-.2L-DS (.476) 12.09 (.291) 7.39 (3.312) 84.12 (1.387) 35.22 (1.110) 28.19 (1.094) 27.78 E 19 1.312-1P-.2L-DS (.626) 15.90 (.348) 8.83 (3.375) 85.725 (1.513) 38.43 (1.172) 29.76 (1.319) 33.50 F 23 1.500-1P-.2L-DS (.831) 21.10 (.429) 10.89 (3.438) 87.32 (1.703) 43.25 (1.235) 31.39 (1.557) 39.54 G 25 1.625-1P-.2L-DS (.956) 24.28 (.523) 13.28 (3.500) 88.9 (1.825) 46.35 (1.297) 32.94 (1.653) 41.98 H 29 1.812-1P-.2L-DS (1.081) 27.45 (.643) 16.33 (3.750) 95.25 (2.143) 54.43 (1.543) 39.19 (1.819) 46.20 J 33 2.000-1P-.2L-DS (1.187) 30.14 (.704) 17.88 (3.875) 98.425 (2.329) 59.15 (1.668) 42.36 (2.020) 51.30 M28840/19 PLUG CONNECTOR WITH 45o STRAIN RELIEF BACKSHELL M28840/19 C G 1 P 1 DESIGNATION MATERIAL & FINISH SHELL SIZE INSERT CONTACT KEY POSITION QPL: M28840/19 Commercial: IN28840/19 C: Class DJ: Aluminum Cadmium Plate U: Class ZJ Aluminum -Zinc Nickel, Non-Reflective M: Class TJ; Aluminum Tin Zinc, Non- Reflective (Commercial only) A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 1 F: Pin, Size 20 G: Socket, Size 20 P: Pin, Size, 22 S: Socket, Size, 22 D: Pin, Size, 28 E: Socket, Size, 28 1 2 3 4 5 6 |