Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PBA Fiches technique(PDF) 5 Page - APEM

No de pièce PBA
Description  ATEX approved piezo switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEM [APEM]
Site Internet  www.apem.com
Logo APEM - APEM

PBA Fiches technique(HTML) 5 Page - APEM

  PBA Datasheet HTML 1Page - APEM PBA Datasheet HTML 2Page - APEM PBA Datasheet HTML 3Page - APEM PBA Datasheet HTML 4Page - APEM PBA Datasheet HTML 5Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FICHIER: CPBAATEX-P21
le 16/01/09
ECHELLE: 0.7
indice A
CPBAATEX1-A
CPBAATEX2-A
CPBAATEX3-A
3.00
(.118)
(.250 x .031)
6.35 x 0.8
6.35 x 0.8
(.250 x .031)
(.250 x .031)
6.35 x 0.8
AWG24
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
AWG24
20.00
(.787)
(.197)
(.118)
(.768)
5.00
19.50
3.00
(.748DIAx1.00 IS)
Ø19.00x1.00 SI
Ø13.50
(.531DIA)
(.047)
1.20
1.20
(.047)
Ø13.50
(.531DIA)
(.177)
4.50
(.197)
5.00
AWG24
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
(.787)
20.00
ATEX approved piezo switches
PBA series
Ø22 (.866) BUSHING - WITH ILLUMINATED DOT
PBAR2AFB000L•X
PBAR6AFB000L•X
Ø22 (.866) BUSHING - NON-ILLUMINATED
PBAR2AFB000MX
FICHIER: CPBAATEX-P21
le 16/01/09
ECHELLE: 0.7
indice A
CPBAATEX1-A
CPBAATEX2-A
CPBAATEX3-A
3.00
(.118)
(.250 x .031)
6.35 x 0.8
6.35 x 0.8
(.250 x .031)
(.250 x .031)
6.35 x 0.8
AWG24
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
AWG24
20.00
(.787)
(.197)
(.118)
(.768)
5.00
19.50
3.00
(.748DIAx1.00 IS)
Ø19.00x1.00 SI
Ø13.50
(.531DIA)
(.047)
1.20
1.20
(.047)
Ø13.50
(.531DIA)
(.177)
4.50
(.197)
5.00
AWG24
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
(.787)
20.00
PBAR6AFB000MX
To order a product, replace • by the LED color code below :
0B
Blue
0G
Green
0S
Red
0Y
Yellow
5



Html Pages

1 2 3 4 5