| Moteur de recherche de fiches techniques de composants électroniques |
|
MCPWR12FTEP1001 Fiches technique(PDF) 1 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
MCPWR12FTEP1001 Fiches technique(HTML) 1 Page - Multicomp Pro |
|
1 / 8 page ![]() Page <1> V1.0 19/11/19 Chip Resistors Pulse Withstanding Newark.com/multicomp-pro Farnell.com/multicomp-pro Element14.com/multicomp-pro Features • Tolerance from ±0.5% to 5% • High power rating • Excellent pulse withstanding performance • Improved working voltage ratings • Standard package sizes of 0402 to 2512 • AEC-Q200 Compliance Construction 1 2 3 4 5 6 7 8 9 1 Alumina Substrate 2 Bottom Electrode (Ag) 3 Top Electrode (Ag-Pd) 4 Edge Electrode (NiCr) 5 Barrier Layer (Ni) 6 External Electrode (Sn) 7 Resistor Layer (RuO2 / Ag) 8 Primary Overcoat (Glass) 9 Secondary Overcoat (Epoxy) Dimensions Part Number Size (Inch) L (mm) W (mm) T (mm) D1 (mm) D2 (mm) Weight (g) (1,000 pieces) MCPWR02 0402 1 ±0.05 0.5 ±0.05 0.35 ±0.05 0.2 ±0.1 0.2 ±0.1 0.63 MCPWR03 0603 1.6 ±0.1 0.8 ±0.1 0.45 ±0.1 0.3 ±0.2 0.3 ±0.2 2.042 MCPWR05 0805 2 ±0.1 1.25 ±0.1 0.5 ±0.1 0.35 ±0.2 0.4 ±0.2 4.368 MCPWR05 (1/2W) 0805 2 ±0.1 1.25 ±0.1 0.5 ±0.1 0.35 ±0.2 0.4 ±0.2 5.049 MCPWR06 1206 3.1 ±0.1 1.55 ±0.1 0.55 ±0.1 0.5 ±0.25 0.5 ±0.2 8.947 MCPWR06 (3/4W) 1206 3.1 ±0.1 1.55 ±0.1 0.55 ±0.1 0.5 ±0.25 0.5 ±0.2 9.541 MCPWR13 1210 3.1 ±0.1 2.6 ±0.15 0.55 ±0.1 0.5 ±0.25 0.5 ±0.2 15.959 MCPWR10 2010 5 ±0.1 2.5 ±0.15 0.55 ±0.1 0.6 ±0.25 0.5 ±0.2 24.241 MCPWR12 2512 6.35 ±0.1 3.1 ±0.15 0.55 ±0.1 0.6 ±0.25 0.5 ±0.2 39.448 Applications • Metering (Testing/Measurement) • Diagnostic Equipment • Medical Devices • Industrial Controls • Plasma • LCD Video Monitors |
Numéro de pièce similaire - MCPWR12FTEP1001 |
|
Description similaire - MCPWR12FTEP1001 |