Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M28840/20MF1DAP2 Fiches technique(PDF) 14 Page - Amphenol PCD, Inc

No de pièce M28840/20MF1DAP2
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOLPCD [Amphenol PCD, Inc]
Site Internet  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20MF1DAP2 Fiches technique(HTML) 14 Page - Amphenol PCD, Inc

Back Button M28840/20MF1DAP2 Datasheet HTML 10Page - Amphenol PCD, Inc M28840/20MF1DAP2 Datasheet HTML 11Page - Amphenol PCD, Inc M28840/20MF1DAP2 Datasheet HTML 12Page - Amphenol PCD, Inc M28840/20MF1DAP2 Datasheet HTML 13Page - Amphenol PCD, Inc M28840/20MF1DAP2 Datasheet HTML 14Page - Amphenol PCD, Inc M28840/20MF1DAP2 Datasheet HTML 15Page - Amphenol PCD, Inc M28840/20MF1DAP2 Datasheet HTML 16Page - Amphenol PCD, Inc M28840/20MF1DAP2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20MF1DAP2 Datasheet HTML 18Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
26
27
TABLE A
Military
Shell Size
Shell Size
B
Thread Class 2B
F
Cable Enrty
L Max.
Q Max.
Z Max.
Max O.D. Over
Rear Clamps
Max.
Min.
A
11
.750-1P-.2L-DS
(.286) 7.26
(.177) 4.49
(2.562) 65.07
(1.028) 26.11
(.929) 23.60
(.832) 21.11
B
13
.875-1P-.2L-DS
(.286) 7.26
(2.562) 65.07
(1.141) 28.98
(.929) 23.60
C
15
1.062-1P-.2L-DS
(.416) 10.56
(.250) 6.35
(2.750) 69.85
(1.263) 32.08
(1.056) 26.32
(.989) 25.12
D
17
1.125-1P-.2L-DS
(.476) 12.09
(.291) 7.39
(2.875) 73.02
(1.387) 35.23
(1.233) 37.32
(1.094) 27.79
E
19
1.312-1P-.2L-DS
(.626) 15.90
(.348) 8.83
(3.000) 76.2
(1.513) 38.43
(1.296) 32.92
(1.319) 33.50
F
23
1.500-1P-.2L-DS
(.831) 21.10
(.429) 10.89
(3.125) 79.37
(1.703) 43.25
(1.358) 34.49
(1.557) 39.55
G
25
1.625-1P-.2L-DS
(.956) 24.28
(.523) 13.28
(3.250) 82.55
(1.825) 46.25
(1.420) 36.07
(1.653) 41.99
H
29
1.812-1P-.2L-DS
(1.081) 27.45
(.643) 16.33
(3.375) 85.72
(2.143) 54.43
(1.634) 41.50
(1.819) 46.20
J
33
2.000-1P-.2L-DS
(1.187) 30.14
(.704) 17.88
(3.438) 87.32
(2.329) 59.15
(1.859) 47.22
(2.020) 51.31
M28840/18 PLUG CONNECTOR WITH 90o STRAIN RELIEF BACKSHELL
M28840/18
C
G
1
P
1
DESIGNATION
MATERIAL & FINISH
SHELL SIZE
INSERT
CONTACT
KEY POSITION
QPL: M28840/18
Commercial: IN28840/18
C: Class DJ: Aluminum Cadmium Plate
U: Class ZJ Aluminum -Zinc Nickel,
Non-Reflective
M: Class TJ; Aluminum Tin Zinc,
Non- Reflective (Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6
TABLE A
Military
Shell Size
Shell Size
B
Thread Class 2B
F
Cable Enrty
L Max.
Q Max.
Max O.D. Over
Rear Clamps
Max.
Min.
A
11
.750-1P-.2L-DS
7.26 (0.286)
4.50 (.177)
61.92 (2.438)
26.11 (1.028)
21.13 (.832)
B
13
.875-1P-.2L-DS
7.26 (0.286)
28.98 (1.141)
C
15
1.062-1P-.2L-DS
10.57 (.416)
6.35 (.250)
32.10 (1.263)
25.12 (.989)
D
17
1.125-1P-.2L-DS
12.10 (0.476)
7.39 (.291)
68.27 (2.688)
32.23 (1.387)
27.78 (1.094)
E
19
1.312-1P-.2L-DS
15.900 (.626)
8.84(.348)
71.42 (2.812)
38.43 (1.513)
33.50 (1.319)
F
23
1.500-1P-.2L-DS
21.10 (.831)
10.90 (.429)
74.63 (2.938)
43.25 (1.703)
39.55 (1.557)
G
25
1.625-1P-.2L-DS
24.28 (.956)
13.28 (.523)
77.78 (3.062)
46.36 (1.825)
41.99 (1.653)
H
29
1.812-1P-.2L-DS
27.45 (1.081)
16.33 (.643)
80.98 (3.188)
54.43 (2.143)
46.20 (1.819)
J
33
2.000-1P-.2L-DS
30.15 (1.187)
17.88 (.704)
85.73 (3.375)
59.16 (2.329)
51.31(2.020)
M28840/17 PLUG CONNECTOR WITH STRAIGHT STRAIN RELIEF BACKSHELL
M28840/17
C
G
1
P
1
DESIGNATION
MATERIAL & FINISH
SHELL SIZE
INSERT
CONTACT
KEY POSITION
QPL: M28840/17
Commercial: IN28840/17
C: Class DJ: Aluminum Cadmium Plate
U: Class ZJ Aluminum -Zinc Nickel,
Non-Reflective
M: Class TJ; Aluminum Tin Zinc,
Non- Reflective (Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25