Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M28840/20MB1DAP2 Fiches technique(PDF) 15 Page - Amphenol PCD, Inc

No de pièce M28840/20MB1DAP2
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOLPCD [Amphenol PCD, Inc]
Site Internet  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20MB1DAP2 Fiches technique(HTML) 15 Page - Amphenol PCD, Inc

Back Button M28840/20MB1DAP2 Datasheet HTML 11Page - Amphenol PCD, Inc M28840/20MB1DAP2 Datasheet HTML 12Page - Amphenol PCD, Inc M28840/20MB1DAP2 Datasheet HTML 13Page - Amphenol PCD, Inc M28840/20MB1DAP2 Datasheet HTML 14Page - Amphenol PCD, Inc M28840/20MB1DAP2 Datasheet HTML 15Page - Amphenol PCD, Inc M28840/20MB1DAP2 Datasheet HTML 16Page - Amphenol PCD, Inc M28840/20MB1DAP2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20MB1DAP2 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/20MB1DAP2 Datasheet HTML 19Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
28
29
TABLE A
Military
Shell Size
Shell Size
Backshell
Shell Size
A
Cable Enrty
B
Thread Class 2B
E Max.
L Max.
Max.
Min.
A
11
A
(.312) 7.92
(.188) 4.77
.750-1P-.2L-DS
(.938) 23.82
(6.625) 168.27
A
11
B
(.438) 11.12
(.281) 7.13
(1.125) 31.75
(6.625) 168.27
A
11
C
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(6.625) 168.27
B
13
A
(.312) 7.92
(.188) 4.77
.875-1P-.2L-DS
(.938) 23.82
(6.625) 168.27
B
13
B
(.438) 11.12
(.281) 7.13
(1.125) 31.75
(6.625) 168.27
B
13
C
(.562) 14.27
(.344) 8.79
(1.312) 33.32
(6.625) 168.27
B
13
D
(.652) 16.546
(.375) 9.52
(1.312) 33.32
(7.125) 184.15
C
15
A
(.438) 11.12
(.281) 7.13
1.062-1P-.2L-DS
(1.125) 31.75
(6.625) 168.27
C
15
B
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(6.625) 168.27
C
15
C
(.625) 15.87
(.375) 9.52
(1.312) 33.32
(7.125) 180.97
C
15
D
(.750) 19.05
(.438) 11.12
(1.593) 40.46
(7.188) 182.57
C
15
E
(.312) 7.92
(.188) 4.77
(.938) 23.82
(6.625) 168.27
D
17
A
(.625) 16.56
(.375) 9.52
1.125-1P-.2L-DS
(1.312) 33.32
(7.125) 180.97
D
17
B
(.750) 19.05
(.438) 11.12
(1.593) 40.46
(7.188) 182.57
D
17
C
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(7.188) 182.57
E
19
A
(.625) 15.82
(.375) 9.52
1.312-1P-.2L-DS
(1.312) 33.32
(7.125) 180.97
E
19
B
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(7.250) 184.15
F
23
A
(.750) 19.05
(.438) 11.12
1.500-1P-.2L-DS
(1.593) 40.46
(7.688) 195.27
F
23
B
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(7.812) 198.42
F
23
C
(1.188) 30.17
(.812) 20.62
(2.093) 53.28
(7.938) 201.62
G
25
A
(.938) 23.82
(.625) 15.87
1.625-1P-.2L-DS
(1.750) 44.45
(7.750) 196.85
G
25
B
(1.188) 30.17
(.812) 20.62
(2.093) 53.28
(8.438) 214.32
G
25
C
(1.250) 31.75
(.875) 22.22
(2.093) 53.28
(8.438) 214.32
G
25
D
(1.380) 95.05
(1.000) 25.4
(2.343) 59.51
(8.500) 215.9
H
29
A
(1.188) 30.17
(.812) 20.62
1.812-1P-.2L-DS
(2.093) 53.28
(8.438) 214.32
H
29
B
(1.380) 35.05
(1.000) 25.4
(2.343) 59.51
(8.500) 215.9
J
33
A
(1.380) 35.05
(1.000) 25.4
2.000-1P-.2L-DS
(2.343) 59.51
(8.500) 215.9
J
33
B
(1.625) 41.27
(1.250) 31.75
(2.750) 69.85
(8.750) 222.25
M28840/20 RECEPTACLE CONNECTOR WITH STRAIGHT EMI/RFI BACKSHELL
M28840/20
C
G
1
A
A
P
1
DESIGNATION
MATERIAL & FINISH
SHELL
SIZE
INSERT BACKSHELL
SIZE
BACKSHELL STYLE
CONTACT
KEY
POSITION
QPL: M28840/20
Commercial: IN28840/20
C: Class DJ: Aluminum Cadmium Plate
U: Class ZJ Aluminum -Zinc Nickel,
Non-Reflective
M: Class TJ; Aluminum Tin Zinc,
Non- Reflective (Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
A
B
C
D
A: EMI Environmental
B: Environmental
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6
TABLE A
Military
Shell Size
Shell Size
B
Thread Class 2B
F
Cable Enrty
L Max.
Q Max.
Z Max.
Max O.D. Over
Rear Clamps
Max.
Min.
A
11
.750-1P-.2L-DS
(.286) 7.26
(.177) 4.49
(3.125) 79.73
(1.028) 26.11
(.928) 23.57
(.832) 21.13
B
13
.875-1P-.2L-DS
(.286) 7.26
(3.125) 75.37
(1.141) 28.98
(.928) 23.57
C
15
1.062-1P-.2L-DS
(.416) 10.56
(.250) 6.35
(3.250) 82.55
(1.263) 32.08
(.991) 25.17
(.989) 25.12
D
17
1.125-1P-.2L-DS
(.476) 12.09
(.291) 7.39
(3.312) 84.12
(1.387) 35.22
(1.110) 28.19
(1.094) 27.78
E
19
1.312-1P-.2L-DS
(.626) 15.90
(.348) 8.83
(3.375) 85.725
(1.513) 38.43
(1.172) 29.76
(1.319) 33.50
F
23
1.500-1P-.2L-DS
(.831) 21.10
(.429) 10.89
(3.438) 87.32
(1.703) 43.25
(1.235) 31.39
(1.557) 39.54
G
25
1.625-1P-.2L-DS
(.956) 24.28
(.523) 13.28
(3.500) 88.9
(1.825) 46.35
(1.297) 32.94
(1.653) 41.98
H
29
1.812-1P-.2L-DS
(1.081) 27.45
(.643) 16.33
(3.750) 95.25
(2.143) 54.43
(1.543) 39.19
(1.819) 46.20
J
33
2.000-1P-.2L-DS
(1.187) 30.14
(.704) 17.88
(3.875) 98.425
(2.329) 59.15
(1.668) 42.36
(2.020) 51.30
M28840/19 PLUG CONNECTOR WITH 45o STRAIN RELIEF BACKSHELL
M28840/19
C
G
1
P
1
DESIGNATION
MATERIAL & FINISH
SHELL SIZE
INSERT
CONTACT
KEY POSITION
QPL: M28840/19
Commercial: IN28840/19
C: Class DJ: Aluminum Cadmium Plate
U: Class ZJ Aluminum -Zinc Nickel,
Non-Reflective
M: Class TJ; Aluminum Tin Zinc,
Non- Reflective (Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25