Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4994 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 27Page - STMicroelectronics TS4994 Datasheet HTML 28Page - STMicroelectronics TS4994 Datasheet HTML 29Page - STMicroelectronics TS4994 Datasheet HTML 30Page - STMicroelectronics TS4994 Datasheet HTML 31Page - STMicroelectronics TS4994 Datasheet HTML 32Page - STMicroelectronics TS4994 Datasheet HTML 33Page - STMicroelectronics TS4994 Datasheet HTML 34Page - STMicroelectronics TS4994 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
TS4994
Package mechanical data
31/35
5
Package mechanical data
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a Lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35