Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4909 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button TS4909_V01 Datasheet HTML 27Page - STMicroelectronics TS4909_V01 Datasheet HTML 28Page - STMicroelectronics TS4909_V01 Datasheet HTML 29Page - STMicroelectronics TS4909_V01 Datasheet HTML 30Page - STMicroelectronics TS4909_V01 Datasheet HTML 31Page - STMicroelectronics TS4909_V01 Datasheet HTML 32Page - STMicroelectronics TS4909_V01 Datasheet HTML 33Page - STMicroelectronics TS4909_V01 Datasheet HTML 34Page - STMicroelectronics TS4909_V01 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
TS4909
Package information
Doc ID 11972 Rev 9
31/35
Figure 85. DFN10 3 x 3 pitch 0.5 mm exposed pad package mechanical drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35