Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS488 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Fiches technique(HTML) 2 Page - STMicroelectronics

  TS488 Datasheet HTML 1Page - STMicroelectronics TS488 Datasheet HTML 2Page - STMicroelectronics TS488 Datasheet HTML 3Page - STMicroelectronics TS488 Datasheet HTML 4Page - STMicroelectronics TS488 Datasheet HTML 5Page - STMicroelectronics TS488 Datasheet HTML 6Page - STMicroelectronics TS488 Datasheet HTML 7Page - STMicroelectronics TS488 Datasheet HTML 8Page - STMicroelectronics TS488 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1
Typical application schematic
Figure 1. Typical application for the TS488
TS488=stdby
Stdby active low
1
2
8
5
7
4
6
3
Table 1. Application component information
Component
Functional description
Rin1,2
Inverting input resistor that sets the closed loop gain in conjunction with Rfeed.
This resistor also forms a high pass filter with Cin [Fc = 1 / (2 x Pi x Rin x Cin)]
Cin1,2
Input coupling capacitor that blocks the DC voltage at the amplifier input terminal
Rfeed1,2
Feedback resistor that sets the closed loop gain in conjunction with Rin.
AV= closed loop gain= -Rfeed/Rin
Cs
Supply output capacitor that provides power supply filtering
Cb
Bypass capacitor that provides half supply filtering
Cout1,2
Output coupling capacitor that blocks the DC voltage at the load input terminal.
This capacitor also forms a high pass with RL [Fc = 1 / (2 x Pi x RL x Cout)]
TS488
Typical application schematic
DS4579 - Rev 8
page 2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32