| Moteur de recherche de fiches techniques de composants électroniques |
|
TS421IQT Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS421IQT Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 42 page ![]() The following bill of material is an example of a differential amplifier with a gain of 2 and a -3 dB lower cuttoff frequency of about 80 Hz. Table 8. Components Designator Part type R1 20 k / 1% R2 20 k / 1% C 100 nF CB = CS 1 µF U1 TS419/21 TS419, TS421 Application information DS3048 - Rev 7 page 32/42 |