Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3011 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce TS3011
Description  Rail-to-rail high-speed comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button TS3011 Datasheet HTML 10Page - STMicroelectronics TS3011 Datasheet HTML 11Page - STMicroelectronics TS3011 Datasheet HTML 12Page - STMicroelectronics TS3011 Datasheet HTML 13Page - STMicroelectronics TS3011 Datasheet HTML 14Page - STMicroelectronics TS3011 Datasheet HTML 15Page - STMicroelectronics TS3011 Datasheet HTML 16Page - STMicroelectronics TS3011 Datasheet HTML 17Page - STMicroelectronics TS3011 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
6.3
DFN8 2x2 mm package information
Figure 24. DFN8 2x2 mm package outline
Table 9. DFN8 2x2 mm package mechanical data
Ref.
Dimensions
Millimiters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.10
0.003
b
0.20
0.25
0.30
0.007
0.009
0.011
D
1.95
2.00
2.05
0.076
0.078
0.080
D1
0.80
0.90
1.00
0.031
0.035
0.039
E
1.95
2.00
2.05
0.076
0.078
0.080
E1
1.50
1.60
1.70
0.059
0.062
0.066
e
0.50
0.019
F
0.05
0.001
G
0.25
0.30
0.35
0.009
0.011
0.013
aaa
0.10
0.003
TS3011
Package information
DS8604 - Rev 9
page 14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20