| Moteur de recherche de fiches techniques de composants électroniques |
|
IPLU300N04S4-R8 Fiches technique(PDF) 2 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
IPLU300N04S4-R8 Fiches technique(HTML) 2 Page - Infineon Technologies AG |
|
2 / 2 page ![]() Product brief Battery disconnect switch For all voltage up to 24 V Product table Component Type Description MOSFETs (8x) IPLU300N04S4-R8 300 A, 40 V, 0.53 mΩ typ. TVS diodes (4x) 33 V diodes 33 V Gate driver AUIR3242S Normally on (default) AUIR3241S Normally off (optional) Published by Infineon Technologies AG 81726 Munich, Germany © 2019 Infineon Technologies AG. All Rights Reserved. Order Number: B127-I0789-V1-7600-EU-EC-P Date: 03/2019 Please note! THIS DOCUMENT IS FOR INFORMATION PURPOSES ONLY AND ANY INFORMATION GIVEN HEREIN SHALL IN NO EVENT BE REGARDED AS A WARRANTY, GUARANTEE OR DESCRIPTION OF ANY FUNCTIONALITY, CONDITIONS AND/OR QUALITY OF OUR PRODUCTS OR ANY SUITABILITY FOR A PARTICULAR PURPOSE. WITH REGARD TO THE TECHNICAL SPECIFICATIONS OF OUR PRODUCTS, WE KINDLY ASK YOU TO REFER TO THE RELEVANT PRODUCT DATA SHEETS PROVIDED BY US. OUR CUSTOMERS AND THEIR TECHNICAL DEPARTMENTS ARE REQUIRED TO EVALUATE THE SUITABILITY OF OUR PRODUCTS FOR THE INTENDED APPLICATION. WE RESERVE THE RIGHT TO CHANGE THIS DOCUMENT AND/OR THE INFORMATION GIVEN HEREIN AT ANY TIME. Additional information For further information on technologies, our products, the application of our products, delivery terms and conditions and/or prices, please contact your nearest Infineon Technologies office (www.infineon.com). Warnings Due to technical requirements, our products may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Except as otherwise explicitly approved by us in a written document signed by authorized representatives of Infineon Technologies, our products may not be used in any life- endangering applications, including but not limited to medical, nuclear, military, life-critical or any other applications where a failure of the product or any consequences of the use thereof can result in personal injury. The demonstrator consists of eight low ohmic MOSFETs connected in parallel and mounted on a structured copper IMS (Insulated Metal Substrate) board together with a gate driver circuit to switch those MOSFETs on and off. In order to protect the MOSFETs against excessive overvoltage there are four transient voltage suppressor diodes implemented at the bottom side of the board. Main components › MOSFETs (8x) IPLU300N04S4-R8 300 A, 40 V class, best In class › TVS diodes (4x) › Gate driver – AUIR3242S normally on (default) – AUIR3241S normally off (optional) Current capability of the demonstrator › 300 A continuous › 1800 A for 10 s Input 24 V 8x IPLU300N04S4-R8 Load AUIR3242S Level shi circuit |