Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0672 Fiches technique(PDF) 21 Page - DFROBOT

No de pièce DFR0672
Description  SKU:DFR0672
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0672 Fiches technique(HTML) 21 Page - DFROBOT

Back Button DFR0672 Datasheet HTML 17Page - DFROBOT DFR0672 Datasheet HTML 18Page - DFROBOT DFR0672 Datasheet HTML 19Page - DFROBOT DFR0672 Datasheet HTML 20Page - DFROBOT DFR0672 Datasheet HTML 21Page - DFROBOT DFR0672 Datasheet HTML 22Page - DFROBOT DFR0672 Datasheet HTML 23Page - DFROBOT DFR0672 Datasheet HTML 24Page - DFROBOT DFR0672 Datasheet HTML 25Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
2. Define parameters about temperature, system information, disk information, and IP address.
3. Init oled screen, and output init success information from the terminal.
4. Read system information. Display sysinfo-Error on the OLED if it fails, and re-read 0.5s later.
5. Read CPU utilization. There is a sprintf function inside for concatenating strings.
6. Read RAM usage (unit: b). For easy display, it needs to be converted to Mb. Shift the value 20
bits to the right, or written as follows: unsigned long totalRam = sys_info.totalram / 1024 / 1024;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26