Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0604 Fiches technique(PDF) 4 Page - DFROBOT

No de pièce DFR0604
Description  IO Expansion HAT for Pi Zero/Zero W
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0604 Fiches technique(HTML) 4 Page - DFROBOT

  DFR0604 Datasheet HTML 1Page - DFROBOT DFR0604 Datasheet HTML 2Page - DFROBOT DFR0604 Datasheet HTML 3Page - DFROBOT DFR0604 Datasheet HTML 4Page - DFROBOT DFR0604 Datasheet HTML 5Page - DFROBOT DFR0604 Datasheet HTML 6Page - DFROBOT DFR0604 Datasheet HTML 7Page - DFROBOT DFR0604 Datasheet HTML 8Page - DFROBOT DFR0604 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Note:
•
When the VP port is not power by external power, the voltage of PWM ⊕ is 5V.
•
When the VP port is powered by external power, the voltage of PWM ⊕ is equal to that
of the VP external power (6-12V).
Analog
The IO expansion board comes with an on-board MCU STM32 that provides 12 bit ADC.
The voltage of analog sensor will be input into the 12-bit ADC sent to Raspberry Pi via
IIC when the analog data is converted into digital data, by which to allow Raspberry Pi
to read values of analog sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13