Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0521 Fiches technique(PDF) 2 Page - DFROBOT

No de pièce DFR0521
Description  micro:bit Expansion Board for Boson (Gravity Compatible)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0521 Fiches technique(HTML) 2 Page - DFROBOT

  DFR0521 Datasheet HTML 1Page - DFROBOT DFR0521 Datasheet HTML 2Page - DFROBOT DFR0521 Datasheet HTML 3Page - DFROBOT DFR0521 Datasheet HTML 4Page - DFROBOT DFR0521 Datasheet HTML 5Page - DFROBOT DFR0521 Datasheet HTML 6Page - DFROBOT DFR0521 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micro:bit
However, on-board I/O rings and crocodile clips sometimes are not handy and safe enough to connect peripherals.
To explore more possibilities with micro:bit, we have designed the micro:bit Expansion Board for Boson, a carry-on
board that connects to micro:bit via edge conector.



Html Pages

1 2 3 4 5 6 7