Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYT08P-400 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BYT08P-400
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT08P-400 Fiches technique(HTML) 6 Page - STMicroelectronics

  BYT08P-400 Datasheet HTML 1Page - STMicroelectronics BYT08P-400 Datasheet HTML 2Page - STMicroelectronics BYT08P-400 Datasheet HTML 3Page - STMicroelectronics BYT08P-400 Datasheet HTML 4Page - STMicroelectronics BYT08P-400 Datasheet HTML 5Page - STMicroelectronics BYT08P-400 Datasheet HTML 6Page - STMicroelectronics BYT08P-400 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGE MECHANICAL DATA
TO-220AC
A
C
D
E
M
L7
H2
Ø I
L5
L6
L9
L4
G
F1
F
L2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151
BYT08P-400 / BYT08PI-400
6/7



Html Pages

1 2 3 4 5 6 7