| Moteur de recherche de fiches techniques de composants électroniques |
|
STW4810CRAELF Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4810CRAELF Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 78 page ![]() STw4810 Ball information 13/78 F1 E3 E2 DATAOUT[3:1] DIO(VMMC) Pull Up 1.5M Ω Bidirectional data[3:1] between STw4810 and card. J4 VBAT_MMC VDDA-VBAT Battery supply for VMMC K5 VMMC AIO VMMC supply output Other balls J5 GPO1 AO General purpose output K6 GPO2 AO General purpose output B9 D3 “Reserved” G To be connected to ground B1 B7 B8 C5 F8 G8 K10 “Reserved” O To be left open Table 2. STw4810 balls function (continued) Ball Ball name Ball type Description |