Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW4810CHDTLF Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STW4810CHDTLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDTLF Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STW4810CHDTLF Datasheet HTML 9Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 10Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 11Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 12Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 13Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 14Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 15Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 16Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
STw4810
Ball information
13/78
F1
E3
E2
DATAOUT[3:1]
DIO(VMMC)
Pull Up 1.5M
Ω
Bidirectional data[3:1] between STw4810 and
card.
J4
VBAT_MMC
VDDA-VBAT
Battery supply for VMMC
K5
VMMC
AIO
VMMC supply output
Other balls
J5
GPO1
AO
General purpose output
K6
GPO2
AO
General purpose output
B9
D3
“Reserved”
G
To be connected to ground
B1
B7
B8
C5
F8
G8
K10
“Reserved”
O
To be left open
Table 2.
STw4810 balls function (continued)
Ball
Ball name
Ball type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78