| Moteur de recherche de fiches techniques de composants électroniques |
|
STTS75 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS75 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 38 page ![]() STTS75 DC and AC parameters 29/38 6 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the Measurement Conditions summarized in Table 13. Operating and AC Measurement Conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 13. Operating and AC measurement conditions Parameter STTS75 Unit Supply voltage 2.7 to 5.5 V Ambient operating temperature (TA) –55 to 125 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8VDD V Input and output timing reference voltages 0.3 to 0.7VDD V |