| Moteur de recherche de fiches techniques de composants électroniques |
|
PVT4FW4SS303 Fiches technique(PDF) 3 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
PVT4FW4SS303 Fiches technique(HTML) 3 Page - E-SWITCH |
|
3 / 3 page ![]() www.e-switch.com 800.867.2717 3 PVT4 Series Anti-vandal Switch Wire Lead Termination SHEET OF 2 2 PVT4 Catalog Drawing 4/6/2018 1 2 + - EPOXY ALONG THE BOTTOM OF THE SWITCH HOUSING MATERIAL STAINLESS STEEL 302.0010.00 11.890.394 in [ ] 2.00 [.079 in] BLACK WIRES ARE FOR THE SWITCH CIRCUIT WHITE WIRES ARE FOR THE LED CIRCUIT 5.00 1.00 .197.039 in [ ] 11.80 [.465 in] ACTUATOR MATERIAL STAINLESS STEEL ILLUMINATION RING 13.00 [.512 in] 15.00 [.591 in] 22.00 [.866 in] LED1 (FORWARD) 1 (-) 2 - LED1 (REVERSE) + (+) + - 19.00 - .00 .10+ .748 -.000 .004+ in [] M19 x 1.0 THREAD Panel Cutout SPST Schematic |