Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PVT4FS4SS351 Fiches technique(PDF) 3 Page - E-SWITCH

No de pièce PVT4FS4SS351
Description  PVT4 Series Anti-vandal Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVT4FS4SS351 Fiches technique(HTML) 3 Page - E-SWITCH

  PVT4FS4SS351 Datasheet HTML 1Page - E-SWITCH PVT4FS4SS351 Datasheet HTML 2Page - E-SWITCH PVT4FS4SS351 Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.e-switch.com
800.867.2717
3
PVT4 Series Anti-vandal Switch
Wire Lead Termination
SHEET OF
2
2
PVT4 Catalog Drawing
4/6/2018
1 2 + -
EPOXY ALONG
THE BOTTOM
OF THE
SWITCH
HOUSING
MATERIAL
STAINLESS STEEL
302.0010.00
11.890.394 in
[
]
2.00
[.079 in]
BLACK WIRES
ARE FOR THE
SWITCH CIRCUIT
WHITE WIRES
ARE FOR THE
LED CIRCUIT
5.00 1.00
.197.039 in
[
]
11.80
[.465 in]
ACTUATOR
MATERIAL
STAINLESS STEEL
ILLUMINATION RING
13.00
[.512 in]
15.00
[.591 in]
22.00
[.866 in]
LED1 (FORWARD)
1
(-)
2
-
LED1 (REVERSE)
+
(+)
+
-
19.00
- .00
.10+
.748 -.000
.004+ in
[]
M19 x 1.0 THREAD
Panel Cutout
SPST Schematic



Html Pages

1 2 3