Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFS5600AMMA7ES Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce MFS5600AMMA7ES
Description  Automotive Dual Buck Regulator and Controller with Voltage Monitors and Watchdog Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Fiches technique(HTML) 6 Page - NXP Semiconductors

  MFS5600AMMA7ES Datasheet HTML 1Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NXP Communicator NXP Distribution Partners Internal Use Only
www.nxp.com
6
Export Compliance
NXP Semiconductors, makes product Export Control Classification Number (ECCN) and Harmonized
Tariff Schedule (HTS) classifications available for informational purposes only and the classifications are
subject to change without notice. Anyone importing or exporting/re-exporting an NXP item is solely
responsible for assuring the ECCN and HTS they use is correct. Further, NXP does not provide
guidance regarding the exportability of its products, software or technology. Such questions should be
directed to the exporter’s internal Trade Compliance organization or legal counsel.
The extended ECCN for our 5A002 devices is both a.1.a and a.1.b since we have both symmetric and
asymmetric algorithms in all of our encrypted products.
PN
COO
ECCN
US HTS
CCATS #
MFS5600AMMA0ES
Tianjin
EAR99
854239
NA
MFS5600AMBA0ES
Tianjin
EAR99
854239
NA
MFS5600AMEA0ES
Tianjin
EAR99
854239
NA
MFS5600AVMA0EP
Tianjin
EAR99
854239
NA
MFS5600AMMA7ES
Tianjin
EAR99
854239
NA
MFS5600AMMA8ES
Tianjin
EAR99
854239
NA
KITFS5600SKTEVM
USA
EAR99
847330
NA
KITFS5600FRDMEVM
MEX
5A992C
847150
NA



Html Pages

1 2 3 4 5 6 7 8