| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0511 Fiches technique(PDF) 1 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0511 Fiches technique(HTML) 1 Page - DFROBOT |
|
1 / 42 page ![]() FireBeetle Covers-ePaper Black&White Display Module SKU: DFR0511 Introduction DFRobot FireBeetle Series is a low power development component designed for Internet of Things (IoT). This 2.13-inch black and white electronic epaper screen with SPI interface and 250 * 122 resolution, supporting Arduino library and microPython programming. This module is suitable for the current main control board of Firebeetle series. It has the characteristics of small size, compact layout, plug and play, low power consumption and good display effect. It also integrates the GT30L24A3W multi-language font chip, but only suitable for static picture or text display, not suitable for dynamic refresh. NOTE: This board is only available for ESP32 and ESP8266, but not for FireBeetle BLE4.1. |
Numéro de pièce similaire - DFR0511 |
|
Description similaire - DFR0511 |