Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0508 Fiches technique(PDF) 7 Page - DFROBOT

No de pièce DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Fiches technique(HTML) 7 Page - DFROBOT

Back Button DFR0508 Datasheet HTML 3Page - DFROBOT DFR0508 Datasheet HTML 4Page - DFROBOT DFR0508 Datasheet HTML 5Page - DFROBOT DFR0508 Datasheet HTML 6Page - DFROBOT DFR0508 Datasheet HTML 7Page - DFROBOT DFR0508 Datasheet HTML 8Page - DFROBOT DFR0508 Datasheet HTML 9Page - DFROBOT DFR0508 Datasheet HTML 10Page - DFROBOT DFR0508 Datasheet HTML 11Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
//*This function can be used to start the motor
//*dir: Set Orientation
CW or CCW
//void speed(uint16_t val)
//*This function is used to set the motor speed
//*val: Set the speed
0<=val<=4096
//void stop()
//*This function is used to stop the motor turning
DFRobot_Motor motor1(M1,A0);
void setup() {
//initialize serial communication at 9600 bits per second:
Serial.begin(115200);
//join i2c bus (address optional for master)
Wire.begin();
//Initialize D.C motor drive chip (Group1)
motor1.init();
}
void loop()
{
//Setting initial velocity(Min:0
Max:4096)
motor1.speed(4096);
//Motor1 rotate in positive direction
motor1.start(CW);
delay(2000);
//All motors rotate in reverse
motor1.start(CCW);
delay(2000);
//All motors brake and stop rotating
motor1.stop();



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18