Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0502 Fiches technique(PDF) 4 Page - DFROBOT

No de pièce DFR0502
Description  Gravity:IO Expansion & Motor Driver Shield V1.1 SKU: DFR0502
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0502 Fiches technique(HTML) 4 Page - DFROBOT

  DFR0502 Datasheet HTML 1Page - DFROBOT DFR0502 Datasheet HTML 2Page - DFROBOT DFR0502 Datasheet HTML 3Page - DFROBOT DFR0502 Datasheet HTML 4Page - DFROBOT DFR0502 Datasheet HTML 5Page - DFROBOT DFR0502 Datasheet HTML 6Page - DFROBOT DFR0502 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Gravity: IO Expansion & Motor Driver Shield V1.0 is sufficient in interfaces. Compared to limited
power supply interfaces in the control shields, it equipped with more GND interfaces and power
supply interfaces. Although a multi-sensors connection, no need to worry about interface shortage.
A row of red pins and a row of black pins are below digital pins and analog pin. They are the
expanding power supply interface. The red pins connect to the power supply (VCC) and the black
pins connect to GND.
DFRobot Colors Explanation
•
Green:
Digital Signal
•
Blue:
Analog Signal
•
Red:
VCC
•
Black:
GND
The reason why designed the order as Signal > VCC > GND is to correspond to sensors linear
order, the design has improved the wiring efficiency.
RUN/PROG
The new expansion shield added switch ‘RUN’ and ‘Download’. When using controller such as
Arduino UNO/ Mega, you may failed to download program because downloading and XBee would
occupy the same serial port. Therefore, you should switch to ‘PROG’ in download and switch to
‘RUN’ in run.



Html Pages

1 2 3 4 5 6 7