Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

641237 Fiches technique(PDF) 50 Page - TE Connectivity Ltd

No de pièce 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Fiches technique(HTML) 50 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 46Page - TE Connectivity Ltd 641237 Datasheet HTML 47Page - TE Connectivity Ltd 641237 Datasheet HTML 48Page - TE Connectivity Ltd 641237 Datasheet HTML 49Page - TE Connectivity Ltd 641237 Datasheet HTML 50Page - TE Connectivity Ltd 641237 Datasheet HTML 51Page - TE Connectivity Ltd 641237 Datasheet HTML 52Page - TE Connectivity Ltd 641237 Datasheet HTML 53Page - TE Connectivity Ltd 641237 Datasheet HTML 54Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
PAGE 50
MTA, CST-100 II and SL-156 Connectors
SL-156 Housings With Through Board Latch
Housings
Material (RoHS Compliant)
UL94V-0 rated, nylon, white.
Mates with .045 square or round staked
posts only.
For contacts, see page 48.
.078
[1.98]
.105
[2.67]
Posts
PC Board
.156
[3.96]
1
2
3
4
78
9
10
[4.14
.163
.052
± .002
[1.32
± .005]
+.005
+.013
-.000
-.000
B
.105
[2.67]
Latch Cutout
.015
[0.38]
4 Plc.
Max.
R.
A
.078
[1.98]Typ.
.156
[3.96]Typ.
.063
± .003
[1.60
± .008]
.063
± .003
[1.60
± .008]
.050
± .007
[1.27
± .018]
.075
[1.91]
.250
[6.35]
.125
[3.18]
.660
[16.76]
No. of
Dimensions
Latch Location
Part
Pos.
A
B
Centered Between Pos.
Number
2
.312
1 and 2
1- 770894-2
7.92
—
3
.468
1 and 2
1- 770894-3
11.89
—
4
.624
2 and 3
1- 770894-4
15.85
—
5
.780
2 and 3
1- 770894-5
19.81
—
6
.936
3 and 4
1- 770894-6
23.77
—
7
1.092
3 and 4
1- 770894-7
27.74
—
8
1.248
4 and 5
1- 770894-8
31.70
—
9
1.404
1.092
1 and 2 & 8 and 9
1- 770894-9
35.66
27.74
10
1.560
1.248
1 and 2 & 9 and 10
1-770894-0
39.62
31.70
Note: Not for use with LID Contacts.
Recommended PC Board Cutout
for .062 [1.57] Thick PC Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66