| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0342 Fiches technique(PDF) 7 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0342 Fiches technique(HTML) 7 Page - DFROBOT |
|
7 / 11 page ![]() digitalWrite(SS, LOW); digitalWrite(RST, HIGH); //Reset delay(200); digitalWrite(RST, LOW); delay(200); digitalWrite(RST, HIGH); delay(200); //Wait W5500 //Open serial communications and wait for port to open : Serial.begin(9600); //while (!Serial) { // ; // wait for serial port to connect. Needed for Leonardo only //} delay(1000); // start the Ethernet connection and the server: Ethernet.begin(mac, ip); server.begin(); //Serial.print("server is at "); //Serial.println(Ethernet.localIP()); } void loop() { // listen for incoming clients EthernetClient client = server.available(); if (client) { //Serial.println("new client"); // an http request ends with a blank line boolean currentLineIsBlank = true; while (client.connected()) { if (client.available()) { char c = client.read(); Serial.write(c); // if you've gotten to the end of the line (received a newline // character) and the line is blank, the http request has ended, // so you can send a reply |