Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

640468 Fiches technique(PDF) 3 Page - TE Connectivity Ltd

No de pièce 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Fiches technique(HTML) 3 Page - TE Connectivity Ltd

  640468 Datasheet HTML 1Page - TE Connectivity Ltd 640468 Datasheet HTML 2Page - TE Connectivity Ltd 640468 Datasheet HTML 3Page - TE Connectivity Ltd 640468 Datasheet HTML 4Page - TE Connectivity Ltd 640468 Datasheet HTML 5Page - TE Connectivity Ltd 640468 Datasheet HTML 6Page - TE Connectivity Ltd 640468 Datasheet HTML 7Page - TE Connectivity Ltd 640468 Datasheet HTML 8Page - TE Connectivity Ltd 640468 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
SL-156 Crimp Connectors and Headers...............................................................................47-51
Wire-to-Board Mateability Guide .............................................................................................. 47
Wire-to-Board Crimp Contacts and Keying Plugs.............................................................. 48
Wire-to-Board Housings—UL94V-0.......................................................................................... 49
Housings with Through Board Latch—UL94V-2 .................................................................. 50
Housings and Contacts for Large Insulation Diameter (LID) Wire............................... 51
MTA Wire Selection and Ribbon Cable Preparation ................................................................. 52
IDC Ribbon Cable...............................................................................................................................53-56
MTA Wire Termination Flowchart...................................................................................................... 57
MTA Application Tooling.................................................................................................................58-61
Part Number Index.............................................................................................................................62-64
Global Contacts ........................................................................................................................................ 65
TE Technical Support.............................................................................................................................. 66
Need More Information?
Call Technical Support at the numbers
listed on the back of this catalog.
Technical Support is staffed with special-
ists well versed in TE products. They can
provide you with:
• Technical support
• Catalogs
• Technical Documents
• Product Samples
• Authorized Distributor Locations
Crimp
SL-156
Contents (continued)
PAGE 3
CONNECTOR SELECTION GUIDE
Product
Name
.100" Centerline
MTA-100 IDC
Connectors
and Headers
.100
2.54
IDC
Planned
2-28
28-22
.060*
1.52
5
250
-55 to
+105
V-0 &
V-2
Yes
CST-100 II
Contacts and
Housings
.100
2.54
Crimp
Planned
2-28
26-22
.065
1.65
4
250
-55 to
+105
V-0
Yes
.156" Centerline
MTA-156
Connectors
and Headers
.156
3.96
IDC
Yes
2-24
16-18
.095*
2.41
7
600
-55 to
+105
V-0 &
V-2
Yes
SL-156
Contacts and
Housings
.156
3.96
Crimp
No
1-24;
2-10 w/
through
board
latch
24-18
.105
2.67
10
250
-25 to
+105
V-0
Yes
SL-156 Large
Ins. Dia. (LID)
Contacts and
Housings
.156
3.96
Crimp
No
2-24
24-16
.112
2.84
10
250
-25 to
+105
V-0
Yes
*When terminated one position at a time.
**Current Rating is application dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66