Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0233 Fiches technique(PDF) 13 Page - DFROBOT

No de pièce DFR0233
Description  RS485 Sensor Node V1.0 (SKU:DFR0233)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0233 Fiches technique(HTML) 13 Page - DFROBOT

Back Button DFR0233 Datasheet HTML 5Page - DFROBOT DFR0233 Datasheet HTML 6Page - DFROBOT DFR0233 Datasheet HTML 7Page - DFROBOT DFR0233 Datasheet HTML 8Page - DFROBOT DFR0233 Datasheet HTML 9Page - DFROBOT DFR0233 Datasheet HTML 10Page - DFROBOT DFR0233 Datasheet HTML 11Page - DFROBOT DFR0233 Datasheet HTML 12Page - DFROBOT DFR0233 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
}
else {
Serial.print ("\ncheck sum error! sum=");
Serial.println (getsum_add (receive_ACK, 25), HEX);
}
}
//if check sum is ok
boolean checksum () {
uint8_t checksum = getsum_add (receive_ACK, 25);
if (checksum == receive_ACK[25])
return true;
else
return false;
}
//read 2 byte to uint16_t
uint16_t read_uint8_t (uint8_t *buffer, uint8_t sub) {
// Big-Endian,
first byte is high byte
return ((uint16_t)(buffer[sub]) << 8) + buffer[sub + 1];
}
//get check sum, add from 0 to length-1
uint8_t getsum_add (uint8_t *buffer, uint8_t length) {
uint8_t sum;
for (int i = sum = 0; i < length; i++) {
sum += buffer[i];
}
return sum;
}
/****************************************************************************
***/
Powered By DFRobot © 2008-2017
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13